Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878240008 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0878240008
Description  1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878240008 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0878240008 Datasheet HTML 1Page - Molex Electronics Ltd. 0878240008 Datasheet HTML 2Page - Molex Electronics Ltd. 0878240008 Datasheet HTML 3Page - Molex Electronics Ltd. 0878240008 Datasheet HTML 4Page - Molex Electronics Ltd. 0878240008 Datasheet HTML 5Page - Molex Electronics Ltd. 0878240008 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - 0878240008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878240003 MOLEX10-0878240003 Datasheet
355Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
0878240004 MOLEX10-0878240004 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
0878240007 MOLEX10-0878240007 Datasheet
355Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
More results

Similar Description - 0878240008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878240010 MOLEX10-0878240010 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
0878240015 MOLEX10-0878240015 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
0878240004 MOLEX10-0878240004 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
0878240003 MOLEX10-0878240003 Datasheet
355Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
0878240007 MOLEX10-0878240007 Datasheet
355Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
0879751002 MOLEX10-0879751002 Datasheet
332Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount, with Straight Solder Tab
0879450001 MOLEX10-0879450001 Datasheet
271Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
0879751001 MOLEX10-0879751001 Datasheet
332Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
0878390018 MOLEX10-0878390018 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878390011 MOLEX10-0878390011 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com