Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90120-0761 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90120-0761
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 1 Circuits, Gold (Au) Plating
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90120-0761 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90120-0761 Datasheet HTML 1Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 2Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 3Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 4Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 5Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 6Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 7Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 8Page - Molex Electronics Ltd. 90120-0761 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901200761
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Vertical, 1 Circuits, Gold (Au)
Plating
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-99020-0001 (PDF)
General
Product Family
PCB Headers
Series
90120
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
Yes
Circuits (Loaded)
1
Circuits (maximum)
1
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V AC/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90120Series
Mates With
90147 C-Grid® PC Board Connector. 90123
C-Grid III™ Modular Crimp Housing


Similar Part No. - 90120-0761

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90120-0762 MOLEX10-90120-0762 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 2 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
90120-0763 MOLEX10-90120-0763 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 3 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
90120-0764 MOLEX10-90120-0764 Datasheet
1Mb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 4 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
90120-0765 MOLEX10-90120-0765 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 5 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
90120-0766 MOLEX10-90120-0766 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 6 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results

Similar Description - 90120-0761

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901200320 MOLEX10-0901200320 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 40 Circuits, Gold (Au) Plating
0901210292 MOLEX10-0901210292 Datasheet
134Kb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle 12 Circuits, Gold (Au) Plating
0901210285 MOLEX10-0901210285 Datasheet
150Kb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle 5 Circuits, Gold (Au) Plating
0901201087 MOLEX1-0901201087_17 Datasheet
32Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Vertical, 7 Circuits, Flash Gold (Au) Stripe 2.54mm Pitch C-Grid III Header, Single Row, Vertical, 7 Circuits, Flash Gold (Au) Stripe
0901200921 MOLEX10-0901200921 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 1 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901200923 MOLEX1-0901200923_17 Datasheet
32Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Vertical, 3 Circuits, 0.76關m Gold (Au) Selective Plating
0901200922 MOLEX1-0901200922_17 Datasheet
32Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Vertical, 2 Circuits, 0.76關m Gold (Au) Selective Plating
0901200925 MOLEX1-0901200925_17 Datasheet
32Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Vertical, 5 Circuits, 0.76關m Gold (Au) Selective Plating
0901200121 MOLEX10-0901200121 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 1 Circuit, Tin (Sn) Plating
0901200137 MOLEX10-0901200137 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 17 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com