Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90120-0136 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90120-0136
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 16 Circuits, Tin (Sn) Plating
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90120-0136 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90120-0136 Datasheet HTML 1Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 2Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 3Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 4Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 5Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 6Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 7Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 8Page - Molex Electronics Ltd. 90120-0136 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90120
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90120-0136

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90120-0130 MOLEX10-90120-0130 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 10 Circuits, Tin (Sn) Plating
90120-0131 MOLEX10-90120-0131 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 11 Circuits, Tin (Sn) Plating
90120-0132 MOLEX10-90120-0132 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 12 Circuits, Tin (Sn) Plating
90120-0133 MOLEX10-90120-0133 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 13 Circuits, Tin (Sn) Plating
90120-0134 MOLEX10-90120-0134 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 14 Circuits, Tin (Sn) Plating
More results

Similar Description - 90120-0136

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901200136 MOLEX1-0901200136_17 Datasheet
32Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Vertical, 16 Circuits, Tin (Sn) Plating
0901200132 MOLEX10-0901200132 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 12 Circuits, Tin (Sn) Plating
0901200128 MOLEX10-0901200128 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 8 Circuits, Tin (Sn) Plating
0901200127 MOLEX10-0901200127 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 7 Circuits, Tin (Sn) Plating
0901200122 MOLEX10-0901200122 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 2 Circuits, Tin (Sn) Plating
0901200125 MOLEX10-0901200125 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 5 Circuits, Tin (Sn) Plating
0901200156 MOLEX10-0901200156 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 36 Circuits, Tin (Sn) Plating
0901200142 MOLEX10-0901200142 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 22 Circuits, Tin (Sn) Plating
0901200134 MOLEX10-0901200134 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 14 Circuits, Tin (Sn) Plating
0901200126 MOLEX10-0901200126 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 6 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com