Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885235910 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 885235910
Description  SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 53.0m (173.88)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885235910 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  885235910 Datasheet HTML 1Page - Molex Electronics Ltd. 885235910 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 885235910

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885235911 MOLEX10-885235911 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 56.0m (183.73)
885235912 MOLEX10-885235912 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 57.0m (187.01)
885235913 MOLEX10-885235913 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 60.0m (196.85)
885235914 MOLEX10-885235914 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
885235915 MOLEX10-885235915 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 63.0m (206.69)
More results

Similar Description - 885235910

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885235924 MOLEX10-0885235924 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 87.0m (285.43)
0885235999 MOLEX10-0885235999 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 100.0m (328.08)
0885235949 MOLEX10-0885235949 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 50.0m (164.04)
0885235201 MOLEX10-0885235201 Datasheet
104Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235906 MOLEX10-0885235906 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 18.0m (59.05)
0885235908 MOLEX10-0885235908 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 52.0m (170.60)
0885235925 MOLEX10-0885235925 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 90.0m (295.28)
0885235921 MOLEX10-0885235921 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 78.0m (255.91)
0885235901 MOLEX10-0885235901 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235926 MOLEX10-0885235926 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 92.0m (301.84)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com