Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90147-1220 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90147-1220
Description  2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 20 Circuits, Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90147-1220 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90147-1220 Datasheet HTML 1Page - Molex Electronics Ltd. 90147-1220 Datasheet HTML 2Page - Molex Electronics Ltd. 90147-1220 Datasheet HTML 3Page - Molex Electronics Ltd. 90147-1220 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Voltage - Maximum
350V AC/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90147
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90147-1220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90147-1225 MOLEX10-90147-1225 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 25 Circuits
More results

Similar Description - 90147-1220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901471120 MOLEX10-0901471120 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 20 Circuits, Tin (Sn) Plating
0901471217 MOLEX10-0901471217 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 17 Circuits, Tin (Sn) Plating
0901471216 MOLEX10-0901471216 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 16 Circuits, Tin (Sn) Plating
0901471215 MOLEX10-0901471215 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 15 Circuits, Tin (Sn) Plating
0901471115 MOLEX10-0901471115 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 15 Circuits, Tin (Sn) Plating
0901471210 MOLEX10-0901471210 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 10 Circuits
0901471112 MOLEX10-0901471112 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 12 Circuits
0901471209 MOLEX10-0901471209 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 9 Circuits
0901471310 MOLEX10-0901471310 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 10 Circuits
0901471303 MOLEX10-0901471303 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 3 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com