Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0901471130 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0901471130
Description  2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 30 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901471130 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0901471130 Datasheet HTML 1Page - Molex Electronics Ltd. 0901471130 Datasheet HTML 2Page - Molex Electronics Ltd. 0901471130 Datasheet HTML 3Page - Molex Electronics Ltd. 0901471130 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901471130
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® PC Board Connector, Single Row, Vertical, 30 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
90147
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Circuits (Loaded)
30
Color - Resin
Black
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to PCB
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Voltage - Maximum
350V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90147Series
Mates With
90120 , 90121
Use With
90120 , 90121


Similar Part No. - 0901471130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901471132 MOLEX10-0901471132 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 32 Circuits
More results

Similar Description - 0901471130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901471330 MOLEX10-0901471330 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 30 Circuits
0901471230 MOLEX10-0901471230 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 30 Circuits
0901471210 MOLEX10-0901471210 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 10 Circuits
0901471112 MOLEX10-0901471112 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 12 Circuits
0901471209 MOLEX10-0901471209 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 9 Circuits
0901471310 MOLEX10-0901471310 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 10 Circuits
0901471303 MOLEX10-0901471303 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 3 Circuits
0901471114 MOLEX10-0901471114 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 14 Circuits
0901471204 MOLEX10-0901471204 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 4 Circuits
0901471111 MOLEX10-0901471111 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 11 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com