Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0887689830 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0887689830
Description  HDMI*-to-HDMI* Cable Assembly, 28 AWG, 5.0m (16.40) Length
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX10 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0887689830 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0887689830
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
HDMI*-to-HDMI* Cable Assembly, 28 AWG, 5.0m (16.40' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-88768-002 (PDF)
General
Product Family
Cable Assemblies
Series
88768
Connector to Connector
HDMI*-to-HDMI*
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI*
Physical
Cable Length
5.0m (16.40' )
Circuits (Loaded)
19
Color - Resin
Natural
Gender
Male-Male
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic, Low Density
Polyethylene
Packaging Type
Bag
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
32
Plating min: Mating (µm)
0.8
Plating min: Termination (µin)
50.8
Plating min: Termination (µm)
1.27
Single Ended
No
Termination Interface: Style
Through Hole
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
0.5A
Impedance
100 ohms
Shielded
Yes
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Product Specification
PS-88768-002
Sales Drawing
SD-887689830
*High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88768Series
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn