Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90156-0155 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90156-0155
Description  2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 15 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90156-0155 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90156-0155 Datasheet HTML 1Page - Molex Electronics Ltd. 90156-0155 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901560155
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Crimp Housing - Single Row, 15 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
90156
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (maximum)
15
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
PPO
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
3A
Solder Process Data
Duration at Max. Process Temperature (seconds)
2
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
120
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90156
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90156Series
Mates With
90120 , 90121, 90136
Use With
90119
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90156-0155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90156-0155 MOLEX11-90156-0155 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 15 Circuits
More results

Similar Description - 90156-0155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90156-0155 MOLEX11-90156-0155 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 15 Circuits
0901560155 MOLEX1-0901560155_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Single Row, 15 Circuits
0901560145 MOLEX10-0901560145 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 5 Circuits
0901560150 MOLEX10-0901560150 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 10 Circuits
0901560165 MOLEX10-0901560165 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 25 Circuits
0901560146 MOLEX10-0901560146 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 6 Circuits
0901560170 MOLEX10-0901560170 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 30 Circuits
0901560144 MOLEX10-0901560144 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 4 Circuits
0901560172 MOLEX10-0901560172 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 32 Circuits
0901560142 MOLEX10-0901560142 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com