Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88523-6619 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 88523-6619
Description  LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 20.0m (65.62)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

88523-6619 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  88523-6619 Datasheet HTML 1Page - Molex Electronics Ltd. 88523-6619 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 88523-6619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88523-6619 MOLEX11-88523-6619 Datasheet
31Kb / 1P
   LC-to-LC, Multimode, 62.5/125m/G655, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 20.0m
More results

Similar Description - 88523-6619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885236649 MOLEX10-0885236649 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079 Fiber Optic Cable Assembly, 50.0m
88523-6619 MOLEX11-88523-6619 Datasheet
31Kb / 1P
   LC-to-LC, Multimode, 62.5/125m/G655, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 20.0m
0885236600 MOLEX10-0885236600 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885236602 MOLEX10-0885236602 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885236631 MOLEX10-0885236631 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 0.2m (0.787)
0885236609 MOLEX10-0885236609 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885262001 MOLEX10-0885262001 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 7.0m (22.97)
0885262002 MOLEX10-0885262002 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885262000 MOLEX10-0885262000 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 6.0m (19.68)
0885262009 MOLEX10-0885262009 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com