Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0878314228 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0878314228
Description  2.00mm (.079) Pitch Milli-Grid™ Header, Vertical, Through Hole, Shrouded, Lead-free, 42 Circuits, 0.38μm (15μ) Gold (Au) Plating, Center Polarization Slot
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX10 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0878314228 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878314228
Status:
Active
Overview:
Milli-Grid™
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Vertical, Through Hole, Shrouded, Lead-free,
42 Circuits, 0.38µm (15µ") Gold (Au) Plating, Center Polarization Slot, with Locking
Windows, PCB Locator, Tube
Documents:
3D Model
Product Specification PS-87831-027 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87831
Application
Wire-to-Board
Comments
Contact Molex for application in automotive industry
Overview
Milli-Grid™
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
42
Circuits (maximum)
42
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.88
Polarized to Mating Part
Side Slots (2)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87831Series
Mates With
50394 Wire-to-Board Terminals. 51110
Wire-to-Board Crimp Housing. 87568 Wire-
to-Board IDT Housings. 79107 Board-to-
Board Top Entry Through Hole Receptacle.
79108 Board-to-Board FFC/FPC Top Entry
Through Hole Receptacle. L


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn