Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

901303206 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 901303206
Description  2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 6 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

901303206 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  901303206 Datasheet HTML 1Page - Molex Electronics Ltd. 901303206 Datasheet HTML 2Page - Molex Electronics Ltd. 901303206 Datasheet HTML 3Page - Molex Electronics Ltd. 901303206 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-90130-001, PK-91814-005
Sales Drawing
SDA-90130
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 901303206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90130-1106 MOLEX10-90130-1106 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded 6 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
90130-1108 MOLEX10-90130-1108 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 8 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
90130-1110 MOLEX10-90130-1110 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 10 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
90130-1112 MOLEX10-90130-1112 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 12 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
90130-1114 MOLEX10-90130-1114 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
More results

Similar Description - 901303206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901301206 MOLEX10-0901301206 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 6 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901303218 MOLEX10-0901303218 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 18 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303240 MOLEX10-0901303240 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 40 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303216 MOLEX10-0901303216 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 16 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303212 MOLEX10-0901303212 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 12 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303214 MOLEX10-0901303214 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 14 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303238 MOLEX10-0901303238 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 38 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303234 MOLEX10-0901303234 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 34 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303224 MOLEX10-0901303224 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 24 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
0901303230 MOLEX10-0901303230 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 30 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com