Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1507 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA1507
Description  160V/1.5A Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1507 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA1507 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1507 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1507 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1507 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 2SA1507

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507 Datasheet
66Kb / 5P
   160V / 1.5A Switching Applications
2SA1507 SANYO-2SA1507 Datasheet
437Kb / 7P
   160V / 1.5A Switching Applications
logo
ON Semiconductor
2SA1507 ONSEMI-2SA1507 Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SA1507 ONSEMI-2SA1507 Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
More results

Similar Description - 2SA1507

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
   160V / 1.5A Switching Applications
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
   160V/1.5A Switching Applications
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
   160V / 1.5A Switching Applications
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
   160V/140mA Switching Applications
2SA1248 SANYO-2SA1248 Datasheet
103Kb / 3P
   160V/700mA Switching Applications
2SA1769 SANYO-2SA1769 Datasheet
131Kb / 4P
   160V/700mA Switching Applications
logo
Rohm
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
   Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_09 Datasheet
170Kb / 3P
   Power Transistor (160V , 1.5A)
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com