Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0901471303 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0901471303
Description  2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 3 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901471303 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0901471303 Datasheet HTML 1Page - Molex Electronics Ltd. 0901471303 Datasheet HTML 2Page - Molex Electronics Ltd. 0901471303 Datasheet HTML 3Page - Molex Electronics Ltd. 0901471303 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90147
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0901471303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901471302 MOLEX10-0901471302 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 2 Circuits
0901471304 MOLEX10-0901471304 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 4 Circuits
0901471305 MOLEX10-0901471305 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 5 Circuits
0901471306 MOLEX10-0901471306 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 6 Circuits
0901471307 MOLEX10-0901471307 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 7 Circuits
More results

Similar Description - 0901471303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901471203 MOLEX10-0901471203 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 3 Circuits
0901471103 MOLEX10-0901471103 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 3 Circuits
0901471210 MOLEX10-0901471210 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 10 Circuits
0901471112 MOLEX10-0901471112 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 12 Circuits
0901471209 MOLEX10-0901471209 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 9 Circuits
0901471310 MOLEX10-0901471310 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 10 Circuits
0901471114 MOLEX10-0901471114 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 14 Circuits
0901471204 MOLEX10-0901471204 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 4 Circuits
0901471111 MOLEX10-0901471111 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 11 Circuits
0901471206 MOLEX10-0901471206 Datasheet
181Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Vertical, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com