Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE5RL42AC-TR Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RE5RL42AC-TR
Description  VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RL42AC-TR Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RE5RL42AC-TR Datasheet HTML 7Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 8Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 9Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 10Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 11Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 12Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 13Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 14Page - RICOH electronics devices division RE5RL42AC-TR Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
R
×5RL
10
OPERATION
Output Voltage VOUT divided at the node between
Registers R1 and R2 is compared with Reference Voltage
by Error Amplifier, so that a constant voltage is output.
TEST CIRCUITS
FIG. 2 Test Circuit
FIG. 3 Quiescent Current Test Circuit
FIG. 4 Line Transient Response Test Circuit
FIG. 1 Brock Diagram
GND
GND
VIN
+
Error Amplifire
VOUT
R2
R1
Vref
CI
1µF
Co
1µF
VIN
GND
R
×5RL
SERIES
VOUT
IOUT
VOUT
VIN
+
+
Ro
Co
0.1µF
P.G
GND
R
×5RL
SERIES
VOUT
VOUT
VIN
+
ISS
CI
1µF
VIN
GND
R
×5RL
SERIES
VOUT
VIN
+


Similar Part No. - RE5RL42AC-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RL40AA-TR-F RICOH-RE5RL40AA-TR-F Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
RE5RL45AA-TR-F RICOH-RE5RL45AA-TR-F Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RE5RL42AC-TR

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com