Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90151-2308 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90151-2308
Description  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 8 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90151-2308 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90151-2308 Datasheet HTML 1Page - Molex Electronics Ltd. 90151-2308 Datasheet HTML 2Page - Molex Electronics Ltd. 90151-2308 Datasheet HTML 3Page - Molex Electronics Ltd. 90151-2308 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901512308
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid III™ PC Board Connector, Dual Row, Vertical, 8 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
90151
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid III™
Physical
Circuits (Loaded)
08
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
500
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.102 In
PC Tail Length (mm)
2.60 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.031 In, 0.067 In
PCB Thickness Recommended (mm)
1.20 mm, 1.70 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
No
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90151Series
Mates With
0.64mm (.025") square pins


Similar Part No. - 90151-2308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90151-2304 MOLEX10-90151-2304 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 4 Circuits
90151-2306 MOLEX10-90151-2306 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 6 Circuits
More results

Similar Description - 90151-2308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901513208 MOLEX10-0901513208 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 8 Circuits
0901512114 MOLEX10-0901512114 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 14 Circuits
0901512332 MOLEX10-0901512332 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 32 Circuits
0901512350 MOLEX10-0901512350 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 50 Circuits
0901512216 MOLEX10-0901512216 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 16 Circuits
0901512160 MOLEX10-0901512160 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 60 Circuits
0901512144 MOLEX10-0901512144 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 44 Circuits
0901512110 MOLEX10-0901512110 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 10 Circuits
0901512360 MOLEX10-0901512360 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 60 Circuits
0901512130 MOLEX10-0901512130 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 30 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com