Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0901522212 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0901522212
Description  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 12Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901522212 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0901522212 Datasheet HTML 1Page - Molex Electronics Ltd. 0901522212 Datasheet HTML 2Page - Molex Electronics Ltd. 0901522212 Datasheet HTML 3Page - Molex Electronics Ltd. 0901522212 Datasheet HTML 4Page - Molex Electronics Ltd. 0901522212 Datasheet HTML 5Page - Molex Electronics Ltd. 0901522212 Datasheet HTML 6Page - Molex Electronics Ltd. 0901522212 Datasheet HTML 7Page - Molex Electronics Ltd. 0901522212 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901522212
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid III™ PC Board Connector, Dual Row, Right Angle,
Straight PCB Pins 0.38µm (15µ") Gold (Au) Selective, 12Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
90152
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid III™
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
100
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90152Series
Mates With
90122 , 90131


Similar Part No. - 0901522212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901522210 MOLEX10-0901522210 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 10 Circuits
0901522214 MOLEX10-0901522214 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 14 Circuits
0901522216 MOLEX10-0901522216 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 16 Circuits
0901522218 MOLEX10-0901522218 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 18 Circuits
More results

Similar Description - 0901522212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901522216 MOLEX10-0901522216 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 16 Circuits
0901522250 MOLEX10-0901522250 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 50 Circuits
0901522260 MOLEX10-0901522260 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 60 Circuits
0901522206 MOLEX10-0901522206 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 6 Circuits
0901522218 MOLEX10-0901522218 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 18 Circuits
0901522264 MOLEX10-0901522264 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 64 Circuits
0901522226 MOLEX10-0901522226 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 26 Circuits
0901522234 MOLEX10-0901522234 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 34 Circuits
0901522204 MOLEX10-0901522204 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 4 Circuits
0901522230 MOLEX10-0901522230 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 30 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com