Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885237304 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 885237304
Description  MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885237304 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  885237304 Datasheet HTML 1Page - Molex Electronics Ltd. 885237304 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 885237304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885237300 MOLEX10-885237300 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885237301 MOLEX10-885237301 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885237302 MOLEX10-885237302 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885237303 MOLEX10-885237303 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 4.0m (13.12)
885237305 MOLEX10-885237305 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
More results

Similar Description - 885237304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885237404 MOLEX10-0885237404 Datasheet
90Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885265203 MOLEX10-0885265203 Datasheet
86Kb / 2P
   MT-RJ(F)-to-LC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885237503 MOLEX10-0885237503 Datasheet
85Kb / 2P
   MT-RJ(F)-to-ST, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885237305 MOLEX10-0885237305 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885237306 MOLEX10-0885237306 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885237301 MOLEX10-0885237301 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885237303 MOLEX10-0885237303 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 4.0m (13.12)
0885237319 MOLEX10-0885237319 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 20.0m (65.62)
0885237300 MOLEX10-0885237300 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885237302 MOLEX10-0885237302 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com