Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0885231004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0885231004
Description  FC/UPC-to-FC/UPC, Singlemode, 9/125μm/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX10 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0885231004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885231004
Status:
Active
Overview:
fiber_optic_product_families
Description:
FC/UPC-to-FC/UPC, Singlemode, 9/125µm/G652, Simplex, 0.90mm (.035"), Standard
Fiber Optic Cable Assembly, 5.0m (16.40' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Connector to Connector
FC/UPC-to-FC/UPC
Mode
Singlemode
Overview
fiber_optic_product_families
Product Name
FC
Physical
Cable Length
5.0m (16.40' )
Cable Size
0.90mm (.035")
Fiber (Core/Cladding)
9/125µm/G652
Single Ended
No
Wire/Cable Type
Simplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-003
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn