Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM1041S-L Datasheet(PDF) 2 Page - Sanken electric

Part # TM1041S-L
Description  TO-220F 10A Triac
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TM1041S-L Datasheet(HTML) 2 Page - Sanken electric

  TM1041S-L Datasheet HTML 1Page - Sanken electric TM1041S-L Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
25
50
100
75
150
125
1.0
1.5
0.5
2.0
2.5
3.0
0.5
0.1
0.5
1
5
10
50
100
1.0
1.5
2.0
2.5
3.0
3.5
20
40
60
80
140
100
120
1
5
10
50
100
0
2
4
6
8
10
12
01
2
3
0
0
1
2
3
20 40
80
60
0
0
2
4
12
10
8
6
14
24
6
8
12
10
0
0
25
50
100
75
150
125
24
6
8
12
10
0.5
1
10
10
10
0.2
0.5
1
5
30
10
23
0.5
1
10
10
10
0.2
0.5
1
5
30
10
23
0.5
1
10
10
10
0.2
0.5
1
5
30
10
23
0.5
1
10
10
10
0.5
1.0
1.5
2.0
23
0.5
1
10
10
10
0.5
1.0
1.5
2.0
23
0.5
1
10
10
10
0.5
1.0
1.5
2.0
23
–40
0
50
75
100
25
125
2
10
5
100
50
0.1
1
10
10
10
0.1
1
100
10
23
10
4
10
5
–40
0
75
100
25
50
125
0
1.0
0.8
0.6
0.4
0.2
1.2
–40
0
50
75
100
25
125
1
50
5
10
100
41
(
VD=30V, RGK=
)
TM1041S-L, TM1061S-L
On-state voltage
vT (V)
vT iT Characteristics (max)
Tj=25
°C
Tj=125
°C
Number of cycle
ITSM Ratings
1cycle
10 ms
ITSM
Tj=125
°C
Initial junction temperature
Gate current
iGF (A)
Gate Characteristics
See graph at the upper right
Gate trigger current
IGT (mA)
RMS on-state current IT(RMS) (A)
IT(RMS) –PT(AV) Characteristics
Full-cycle sinewave
Conduction angle :360
°
Full-cycle sinewave
Conduction angle :360
°
RMS on-state current IT(RMS) (A)
IT(RMS) – Tc Ratings
IT(RMS) – Ta Ratings
RMS on-state current IT(RMS) (A)
Full-cycle sinewave
Conduction angle : 360
°
Self-supporting
Natural cooling
No wind
Junction temperature Tj (
°C)
IH temperature Characteristics
(Typical)
(T2
+–T1–)
(T2
–T1+)
Pulse trigger temperature Characteristics
igt (Typical)
(MODE – )
(MODE – )
(MODE – )
(MODE – )
(MODE – )
(MODE – )
Pulse trigger temperature Characteristics
vgt (Typical)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
0
°C
25
°C
50
°C
75
°C
100
°C
125
°C
Tj= – 40
°C
–20
°C
0
°C
25
°C
50
°C
75
°C
100
°C
125
°C
Tj= – 40
°C
–20
°C
0
°C
25
°C
50
°C
75
°C
100
°C
125
°C
Tj= – 40
°C
–20
°C
0
°C
25
°C
50
°C
75
°C
100
°C
125
°C
Tj= – 40
°C
–20
°C
0
°C
25
°C
50
°C
75
°C
100
°C
125
°C
Tj= – 40
°C
–20
°C
0
°C
25
°C
50
°C
75
°C
100
°C
125
°C
Tj= – 40
°C
–20
°C
igt
tw
igt
tw
igt
tw
vgt
tw
vgt
tw
vgt
tw
Junction temperature Tj (
°C)
VGT temperature characteristics
( Typical)
(VD=6V, RL=10
Ω)
MODE
( T2
+,G+)
MODE
( T2
+,G)
MODE
( T2
,G)
IGT temperature characteristics
( Typical)
Junction temperature Tj (
°C)
(VD=6V, RL=10
Ω)
MODE
( T2
+, G+)
MODE
( T2
+, G)
MODE
( T2
, G)
t, Time (ms)
Transient thermal resistance
Characteristics
Junction to
operating
environment
Junction to
case


Similar Part No. - TM1041S-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1041S-R SANKEN-TM1041S-R Datasheet
32Kb / 1P
   TO-220F 10A Triac
More results

Similar Description - TM1041S-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1041S-R SANKEN-TM1041S-R Datasheet
32Kb / 1P
   TO-220F 10A Triac
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
   TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
   TO-220F 12A Triac
TM1641S-L SANKEN-TM1641S-L Datasheet
45Kb / 2P
   TO-220F 16A Triac
TM341S-R SANKEN-TM341S-R Datasheet
32Kb / 1P
   TO-220F 3A Triac
TM541S-R SANKEN-TM541S-R Datasheet
32Kb / 1P
   TO-220F 5A Triac
TM541S-L SANKEN-TM541S-L Datasheet
43Kb / 2P
   TO-220F 5A Triac
TM341S-L SANKEN-TM341S-L Datasheet
63Kb / 2P
   TO-220F 3A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
   TO-220F 8A Triac
logo
SemiHow Co.,Ltd.
HTS139-600 SEMIHOW-HTS139-600 Datasheet
361Kb / 5P
   INSULATION TYPE TRIAC (TO-220F)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com