Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90572-2169 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90572-2169
Description  2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 16 Circuits, Tin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90572-2169 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90572-2169 Datasheet HTML 1Page - Molex Electronics Ltd. 90572-2169 Datasheet HTML 2Page - Molex Electronics Ltd. 90572-2169 Datasheet HTML 3Page - Molex Electronics Ltd. 90572-2169 Datasheet HTML 4Page - Molex Electronics Ltd. 90572-2169 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Current - Maximum per Contact
1A
Voltage - Maximum
250V AC/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90572
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90572-2169

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90572-2161 MOLEX10-90572-2161 Datasheet
288Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 16 Circuits, 0.1 關m Gold (Au)
90572-2162 MOLEX10-90572-2162 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 16 Circuits, 0.76 關m Gold (Au)
More results

Similar Description - 90572-2169

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905721169 MOLEX10-0905721169 Datasheet
218Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 16 Circuits
0905722509 MOLEX10-0905722509 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 50 Circuits, Tin
0905722349 MOLEX10-0905722349 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 34 Circuits, Tin
0905721349 MOLEX10-0905721349 Datasheet
218Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 34 Circuits, Tin
0905722609 MOLEX10-0905722609 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 60 Circuits, Tin
0905721149 MOLEX10-0905721149 Datasheet
218Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 14 Circuits, Tin
0905722109 MOLEX10-0905722109 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, Tin
0905722409 MOLEX10-0905722409 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 40 Circuits, Tin
0905722649 MOLEX10-0905722649 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 64 Circuits, Tin
0905722269 MOLEX10-0905722269 Datasheet
280Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 26 Circuits, Tin
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com