Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR9000 Datasheet(PDF) 5 Page - Sanken electric

Part No. STR9000
Description  5-Terminal, Low Dropout Voltage Dropper Type
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

STR9000 Datasheet(HTML) 5 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
70
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(STR9005)
Circuit Current(STR9005)
Rise Characteristics(STR9005)
Rise Characteristics(STR9012)
Rise Characteristics(STR9015)
Overcurrent Protection Characteristics(STR9005)
Overcurrent Protection Characteristics(STR9012)
Overcurrent Protection Characteristics(STR9015)
–20
0
20
40
60
80
100 120 140
5.04
5.02
5.00
4.98
4.96
4.94
Ambient Temperature Ta (
°C)
VIN=8V
lO=10mA
0
5
10
15
17.5
70
60
50
40
30
20
10
0
VO=5V
lO=4A
3A
2A
1A
0A
Input Voltage VIN (V)
0
510
15
20
7
6
5
4
3
2
1
0
Input Voltage VIN (V)
lO=0A
1A
2A
3A
4A
lO=0A
1A
2A
3A
4A
0
5
10
20
15
22.5
15
10
5
0
Input Voltage VIN (V)
lO=0A
1A
2A
3A
4A
0
5
10
20
15
22.5
Input Voltage VIN (V)
17.5
15
10
5
0
lO=0A
1A
2A
3A
4A
0
1
2
3
4
567
8
7
6
5
4
3
2
1
0
Output Current lO (A)
01
2
3
4
5
67
9
8
15
10
5
0
Output Current lO (A)
01
2
3
4
5
6
7
9
8
17.5
15
10
5
0
Output Current lO (A)
(Ta=25
°C)
qSTR9000 Series
0
1.0
3.0
3.0
4.0
1.0
0.8
0.6
0.4
0.2
0
Output Current lO (A)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn