Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR9000 Datasheet(PDF) 1 Page - Sanken electric

Part No. STR9000
Description  5-Terminal, Low Dropout Voltage Dropper Type
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

STR9000 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
66
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current
Output ON/OFF Control Voltage
(Voltage between terminal No.3 and 5)
Voltage with Output Off
Symbol
VIN
IO
PD1
PD2
Tj
Top
Tstg
Rth(j-c)
STR9000 Series
5-Terminal, Low Dropout Voltage Dropper Type
(Ta=25
°C)
sElectrical Characteristics
Unit
V
V
V
mV
mV
mV/
°C
dB
A
V
V
V
(Ta=25
°C)
*Output is turned on when voltage between terminal No.3 and 5 is less than 0.6V, and turned off if more than 2.0V.
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
RREJ
Conditions
IS1
Conditions
VO(ON)
VO(OFF)
VO
Conditions
Ratings
STR9005
STR9012
STR9015
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
615
13
25
16
25
4.9
5.0
5.1
11.8
12.0
12.2
14.8
15.0
15.2
VIN=8V, IO=2.0A
VIN=16V, IO=2.0A
VIN=20V, IO=2.0A
0.5
0.5
0.5
IO=2.0A
1.0
1.0
1.0
IO=4.0A
10
30
30
80
50
100
VIN=6 to 15V, IO=2.0A
VIN=13 to 25V, IO=2.0A
VIN=16 to 25V, IO=2.0A
40
100
80
200
100
200
VIN=8V, IO=0 to 3.0A
VIN=16V, IO=0 to 3.0A
VIN=20V, IO=0 to 3.0A
±0.5
±1.5
±1.5
54
54
54
f=100 to 120HZ
4.1
4.1
4.1
VIN=8V
VIN=16V
VIN=20V
0.6
0.6
0.6
2.0
2.0
2.0
0.5
0.5
0.5
VIN=8V, IO=0A
VIN=15V, IO=0A
VIN=20V, IO=0A
sFeatures
• 5-terminal regulator with two screw mount package
• Output current: 4.0A
• Low dropout voltage :VDIF
≤1V (at IO=4A)
• Fine adjustment of output voltage
• Output ON/OFF control
• Built-in foldback overcurrent protection circuits
sApplications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment
sAbsolute Maximum Ratings
Unit
V
V
W
W
°C
°C
°C
°C/W
Ratings
STR9005
STR9012/9015
25
30
4.0
75(TC=25
°C)
3.2(Without heatsink, stand-alone operation)
–30 to +125
–20 to +100
–30 to +125
1.25
qSTR9000 Series
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction to case)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn