Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR80145A Datasheet(PDF) 1 Page - Sanken electric

Part No. STR80145A
Description  Voltage Doubler/Bridge Rectifier Automatic Switch ICs
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

STR80145A Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RMS
On-state
Current
IT (RMS)(A)
5.0
10.0
5.0
10.0
sVoltage Doubler/Bridge Rectifier Automatic Switch ICs
sExternal Dimensions
a. Part Number
b. Lot Number
Forming No.501
(unit: mm)
Repetitive
Peak Off-state
Voltage
VDRM (V)
500
500
Surge
On-state
Current
ITSM (A)
50
100
50
100
Operating
Temperature
TOP (
°C)
–10 to
+100(TC)
–20 to
+100(TC)
Storage
Temperature
Tstg (
°C)
–30 to
+125
–40 to
+125
Absolute Maximum Ratings (Ta=25
°C)
ON-state
Voltage
VTH (V)
1.8 max
1.8 max
OFF-state
Current
IDRM (
µA)
100 max
100 max
VC1 (V)
196
±5
215
±5
205
±5
225
±5
VC2 (VAC)*
145
159
145
159
Setting Switchover
Voltage
Remarks
With latching
capability
*Reference value
Voltage
Doubler
Function
Turn-on
Voltage
Vs (V)
AC80 max
DC100 max
Part No.
STR80145A
81145A
81159A
STR82145
83145
83159
Electrical Characteristics (Ta=25
°C)
STR
a
b
2.54±0.1
17.8±0.3
1.0±0.1
4.5±0.5
4.5±0.2
1.2±0.15
2.54±0.1
3.81±0.1 3.81±0.1
0.6
+0.2
–0.1
0.6
±0.2
–0.1
(12.7)
(7.62)
12
3
4 5


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn