Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90170-0064 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90170-0064
Description  2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 64 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90170-0064 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90170-0064 Datasheet HTML 1Page - Molex Electronics Ltd. 90170-0064 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901700064
Status:
Active
Description:
2.54mm (.100") Pitch QF-50™, Strain Relief, DIN 41651, Standard Low Profile, 64
Circuits
Documents:
3D Model
Product Specification PS-99020-0015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90170
Component Type
Strain Relief
Glow-Wire Compliant
No
Product Name
QF-50™
Physical
Circuits (Loaded)
N/A
Circuits (maximum)
0
Color - Resin
Black
Entry Angle
N/A
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
0
PCB Locator
No
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0015
Sales Drawing
SD-90170
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90170Series
Use With
5320 , 90635
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90170-0064

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90170-0060 MOLEX10-90170-0060 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 60 Circuits
More results

Similar Description - 90170-0064

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901700050 MOLEX10-0901700050 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 50 Circuits
0901700020 MOLEX10-0901700020 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 20 Circuits
0901700016 MOLEX10-0901700016 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 16 Circuits
0901700060 MOLEX10-0901700060 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 60 Circuits
0901700014 MOLEX10-0901700014 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 14 Circuits
0901700026 MOLEX10-0901700026 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 26 Circuits
0901700030 MOLEX10-0901700030 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 30 Circuits
0901700034 MOLEX10-0901700034 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 34 Circuits
0901700010 MOLEX10-0901700010 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 10 Circuits
0901700040 MOLEX10-0901700040 Datasheet
87Kb / 2P
   2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 40 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com