Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA509 Datasheet(PDF) 1 Page - Sanken electric

Part # STA509
Description  MOS FET Array
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA509 Datasheet(HTML) 1 Page - Sanken electric

  STA509 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
02
4
10
12
68
14
s ID VDS Characteristics
0
5
4
VDS (V)
3
2
1
6
0.01
1
0.1
20
10
01
2
3
4
5
6
s ID VGS Characteristics
VGS (V)
012
3
6
45
s RDS (on) — ID Characteristics
0
0.2
ID (A)
0.8
0.6
0.4
–50
0
50
100
150
s RDS (on) — TC Characteristics
0
0.1
0.3
0.2
0.4
Tc (ºC)
0.5
0.5
1
5
10
50
s Safe Operating Area (single pulse)
0.5
0.1
1
5
VDS (V)
10
(Tc = 25ºC)
0.05
0.1
0.5
1
6
s Re (yfs) — ID Characteristics
0.2
0.5
1
5
10
ID (A)
VGS = 3V
VGS = 4V
VGS = 5V
VGS = 10V
VGS = 4V
typ.
ID = 1A
VGS = 10V
typ.
VDS = 10V
VDS = 10V
VGS = 4V
00.4
0.2
0.6
0.8
1.4
1.2
1.0
s IDR VSD Characteristics
0
8
6
4
2
VSD (V)
10
Ta = –55ºC
25ºC
75ºC
150ºC
1ms
100
µ
s
ID (pulse) max
R
DS
(on)
LIMITED
Ta = –55ºC
25ºC
150ºC
Ta = 150ºC
75ºC
25ºC
–55ºC
25ºC
Ta = 150ºC
75ºC
–55ºC
Symbol
Ratings
Unit
(Ta=25ºC)
(Ta=25ºC)
VDSS
52
±5
Symbol
Test Conditions
Ratings
Unit
V(BR) DSS
ID = 1mA, VGS = 0V
47
52
57
min
typ
max
IGSS
µA
µA
VGS =
±20V
±1.0
IDSS
S
V
VDS = 40V, VGS = 0V
100
VTH
VDS = 10V, ID = 250
µA2.5
1.0
Re (yfs)
VDS = 10V, ID = 1.0A
VGS = 10V, ID = 1.0A
1.0
RDS (ON)
V
µs
µs
µs
µs
V
VGS = 4V, ID = 1.0A
Coss
Ciss
VDS = 10V
f = 1.0MHz
VGS = 0V
Crss
td (on)
ID = 1A
VDD 12V
RL = 12
VGS = 5V
RG1 = 50
Ω, RG2 =10Ω
tr
td (off)
tf
VSD
ISD = 6A, VGS = 0V
0.2
0.25
0.25
0.3
pF
pF
pF
200
120
20
2.0
7.4
3.3
4.2
1.0
1.5
VGSS
V
V
±20
±3
±6
ID
A
ID (pulse) *1
A
4 (Ta = 25ºC)
20 (Tc = 25ºC)
PT
EAS *2
Tch
W
W
150
40
Tstg
ºC
ºC
mJ
–55 to +150
*1 PW
100
µs, duty 1%
*2 VDD = 12V, L = 10mH, unclamped, RG = 10
Electrical Characteristics
Absolute Maximum Ratings
2
1
3
4
5
6
7
8
9
10
MOS FET Array
STA509A
80
Equivalent Circuit Diagram
External Dimensions
STA
a) Type No.
b) Lot No.
(Unit: mm)
9 •2.54=22.86
±0.05
a
b
(2.54)
25.25
±0.2
0.5
±0.15
0
±0.3
1.0
±0.25
C1.5
±0.5
13
24
SG D G
56
7
10
DG D
S
89
GD
0
±0.3


Similar Part No. - STA509

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
   40V 3.5A DOUBLE POWER HALF BRIDGE
logo
Sanken electric
STA501A SANKEN-STA501A Datasheet
12Kb / 1P
   N-channel General purpose
More results

Similar Description - STA509

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5027 SANKEN-SLA5027 Datasheet
26Kb / 1P
   MOS FET Array
STA508A SANKEN-STA508A Datasheet
25Kb / 1P
   MOS FET Array
SMA5113 SANKEN-SMA5113 Datasheet
25Kb / 1P
   MOS FET Array
SDK06 SANKEN-SDK06 Datasheet
19Kb / 1P
   Surface-mount MOS FET Array
logo
NEC
UPA1604 NEC-UPA1604 Datasheet
294Kb / 8P
   MONOLITHIC POWER MOS FET ARRAY
logo
Sanken electric
SDK08 SANKEN-SDK08 Datasheet
18Kb / 1P
   Surface-mount MOS FET Array
logo
Hitachi Semiconductor
4AJ11 HITACHI-4AJ11 Datasheet
35Kb / 6P
   Silicon P-Channel Power MOS FET Array
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com