Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPE-64 Datasheet(PDF) 1 Page - Sanken electric

Part # SFPE-64
Description  Schottky Barrier Diodes (Surface Mount) 40V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SFPE-64 Datasheet(HTML) 1 Page - Sanken electric

  SFPE-64 Datasheet HTML 1Page - Sanken electric SFPE-64 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSB-14
1
3
2
4
0
1
5
50
10
20ms
Schottky Barrier Diodes (Surface Mount) 40V
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(mA)
IR (H)
(mA)
trr
(ns)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
SSB-14
0.5
40
1.0
1.5
4
30
60
40
0.55
0.58
0.5
1.0
0.1
1.0
5
50
20
(Tj =150
°C)
50
100/100
–40 to +150
20.0
0.072
150.0
0.009
SFPB-54
SFPB-64
B
A
2.0
0.50
5.0
2.0
0.2
2.0
SFPB-74
0.60
2.0
SFPE-64
5
10
25
20
15
30
0
1
5
50
10
20ms
4.5
±0.2
2.0 min
1.35
±0.4
1.35
±0.4
5.1
1.1
±0.2
1.5
±0.2
0
25
50
75
100
125
0
0.1
0.2
0.3
0.4
0.5
SFPB-54
025
50
40
75
100
125
0
0.2
0.4
0.6
0.8
1.0
t 1.6 P.C.B
Solder Land
=
3.0 35
µmCu
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
5
1
0.1
0.01
0.001
20
10
1
0.1
0.01
0.001
020
40
50
10
30
5
1
0.1
0.01
0.0005
0.001
30
10
1
0.1
0.01
0.001
0
1
5
50
10
20ms
10
20
50
40
30
60
SFPB-64
025
50
40
75
100
125
0
0.3
0.6
0.9
1.2
1.5
t 1.6 P.C.B
Solder Land
=
3.0 35
µmCu
20
10
1
0.1
0.01
0.001
30
10
1
0.1
0.01
0.001
1–t / T=1/2
1–t/ T=2/3
1–t/ T=5/6
D.C.
Sinewave
T
t
Ta 125ºC
=
60ºC
100ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
25ºC
0.2
0.4
0.6
0.8
0
1.0
1.2
Ta 125ºC
=
100ºC
60ºC
25ºC
10
30
60
20
40
50
Ta 125ºC
=
100ºC
60ºC
25ºC
0.2
0.4
0.6
0.8
0
1.0
1.2
Ta 125ºC
=
100ºC
60ºC
25ºC
10
30
60
20
40
50
100ºC
Ta 125ºC
=
60ºC
25ºC
2.80
3.04
0.89
1.04
0.013
0.10
0.085
0.130
0.45
0.60
(0.15)
Anode
N.C
Cathode
0.45
0.60
1.78
2.05
0.37
0.46
0.95
1.05
2.10
2.50
1.20
1.40
90
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Tolerance
±0.2
unless otherwise
specified
Rth (j- )
Tj =125ºC
VR=40V
Œ

Ž
Œ

Ž
+0.4
–0.1


Similar Part No. - SFPE-64

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SFPE-64 SANKEN-SFPE-64 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
More results

Similar Description - SFPE-64

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
   Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
FMB-24 SANKEN-FMB-24 Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-G14 SANKEN-FMB-G14 Datasheet
23Kb / 1P
   Schottky Barrier Diodes 40V
logo
Diodes Incorporated
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZLLS400Q DIODES-ZLLS400Q Datasheet
512Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400 DIODES-ZHCS400_15 Datasheet
165Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
ZHCS400TA DIODES-ZHCS400TA Datasheet
165Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
431Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS350 DIODES-ZHCS350_15 Datasheet
144Kb / 5P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com