Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0855135013 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0855135013
Description  SMT Jack for Mating with F.C.C 68 Plugs, 8 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0855135013 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0855135013 Datasheet HTML 1Page - Molex Electronics Ltd. 0855135013 Datasheet HTML 2Page - Molex Electronics Ltd. 0855135013 Datasheet HTML 3Page - Molex Electronics Ltd. 0855135013 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
45
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-85513-001
Product Specification
PS-85513-002
Sales Drawing
SD-85513-010
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0855135013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855135013 MOLEX1-0855135013_17 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Top Entry, Surface Mount, 8/8, Low Profile, 13" Reel
More results

Similar Description - 0855135013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855135009 MOLEX9-0855135009 Datasheet
169Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 8 Circuits
0855135001 MOLEX9-0855135001 Datasheet
169Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 8 Circuits
0855135004 MOLEX9-0855135004 Datasheet
169Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 4 Circuits
0855135010 MOLEX9-0855135010 Datasheet
168Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 6 Circuits
0855135002 MOLEX9-0855135002 Datasheet
168Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 6 Circuits
0855135012 MOLEX9-0855135012 Datasheet
169Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 4 Circuits
0855135014 MOLEX9-0855135014 Datasheet
168Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 6 Circuits
0855135016 MOLEX9-0855135016 Datasheet
168Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 4 Circuits
0855135011 MOLEX9-0855135011 Datasheet
169Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 6/4 Circuits
0855135015 MOLEX9-0855135015 Datasheet
169Kb / 4P
   SMT Jack for Mating with F.C.C 68 Plugs, 6/4 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com