Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850031550 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850031550
Description  2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850031550 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850031550 Datasheet HTML 1Page - Molex Electronics Ltd. 0850031550 Datasheet HTML 2Page - Molex Electronics Ltd. 0850031550 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850031550
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6µm
(24µ") Selective Gold (Au), Coding Option, 64 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-85003-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85003
Application
Daughtercard
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
C
Physical
Circuits (Loaded)
64
Circuits (maximum)
96
Durability (mating cycles max)
400
First Mate / Last Break
Yes
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
16
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85003Series
Mates With
85042 , 85052 Backplane Header


Similar Part No. - 0850031550

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850031548 MOLEX9-0850031548 Datasheet
205Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 96 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com