Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

761020001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 761020001
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Press Fit Connector without Lightpipe Ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

761020001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  761020001 Datasheet HTML 1Page - Molex Electronics Ltd. 761020001 Datasheet HTML 2Page - Molex Electronics Ltd. 761020001 Datasheet HTML 3Page - Molex Electronics Ltd. 761020001 Datasheet HTML 4Page - Molex Electronics Ltd. 761020001 Datasheet HTML 5Page - Molex Electronics Ltd. 761020001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shield Type
EMI Gasket
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-75310-001
Packaging Specification
PK-75450-001
Product Specification
PS-75310-001
Sales Drawing
SD-76102-001
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 761020001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
761025001 MOLEX9-761025001 Datasheet
447Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
logo
Vishay Siliconix
76102E3 VISHAY-76102E3 Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results

Similar Description - 761020001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761015001 MOLEX9-0761015001 Datasheet
438Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Press Fit Connector without Lightpipe Ports
0761035001 MOLEX9-0761035001 Datasheet
605Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports
0760670001 MOLEX9-0760670001 Datasheet
627Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports
0761040001 MOLEX9-0761040001 Datasheet
541Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Press Fit Connector without Lightpipe Ports
0761000001 MOLEX9-0761000001 Datasheet
357Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Press Fit Connector without Lightpipe Ports
0760920001 MOLEX9-0760920001 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports
0760665001 MOLEX1-0760665001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Press Fit
0760925001 MOLEX9-0760925001 Datasheet
726Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports
0760900001 MOLEX9-0760900001 Datasheet
524Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports
0760905001 MOLEX9-0760905001 Datasheet
528Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com