Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA7033 Datasheet(PDF) 7 Page - Sanken electric

Part # SLA7033
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7033 Datasheet(HTML) 7 Page - Sanken electric

  SLA7033 Datasheet HTML 1Page - Sanken electric SLA7033 Datasheet HTML 2Page - Sanken electric SLA7033 Datasheet HTML 3Page - Sanken electric SLA7033 Datasheet HTML 4Page - Sanken electric SLA7033 Datasheet HTML 5Page - Sanken electric SLA7033 Datasheet HTML 6Page - Sanken electric SLA7033 Datasheet HTML 7Page - Sanken electric SLA7033 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
34
SLA7032M/SLA7033M
SLA7032M/SLA7033M
2-Phase Stepper Motor Unipolar Driver IC (2-Phase/1-2 Phase Excitation)
sSupply Voltage VCC vs. Supply Current ICC
0
Supply voltage VCC (V)
500
400
300
200
100
0
10
20
30
40
50
0.2A
0.5A
IO=1A
Motor : 23LM-C004
1-phase excitation
Holding mode
IO : Output current
sTorque Characteristics
100
Response frequency (pps)
2.0
1.5
1.0
0.5
0
5K
1K
500
Motor : 23LM-C202
Output current IO =0.8A
Motor supply voltage VCC =24V
2-phase excitation
0
Supply voltage VCC (V)
1.5
1.0
0.5
0
10
20
30
40
50
Motor : 23PM-C503
1-phase excitation
Holding mode
IO : Output current
IO=1A
IO=2A
IO=3A
100
Response frequency (pps)
6.0
5.0
4.0
3.0
2.0
1.0
0
5K
10K
1K
500
Motor : 23PM-C705
Output current IO =2.5A
Motor supply voltage VCC =24V
2-phase excitation
SLA7032M
SLA7033M
SLA7032M
SLA7033M


Similar Part No. - SLA7033

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7033M SANKEN-SLA7033M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Similar Description - SLA7033

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com