Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA7029 Datasheet(PDF) 6 Page - Sanken electric

Part # SLA7029
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7029 Datasheet(HTML) 6 Page - Sanken electric

  SLA7029 Datasheet HTML 1Page - Sanken electric SLA7029 Datasheet HTML 2Page - Sanken electric SLA7029 Datasheet HTML 3Page - Sanken electric SLA7029 Datasheet HTML 4Page - Sanken electric SLA7029 Datasheet HTML 5Page - Sanken electric SLA7029 Datasheet HTML 6Page - Sanken electric SLA7029 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M
2-Phase Stepper Motor Unipolar Driver ICs (2-Phase Excitation)
35
30
25
20
15
10
5
0
200
500
1K
Motor : PH265-01B
Motor current IO=0.8A
Ta=25
°C
VCC=24V, VS=24V
2-phase excitation
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
30
25
20
15
10
5
0
200
500
1K
Motor : PH265-01B
Motor current IO=0.8A
Ta=25
°C
VCC=24V, VS=24V
2-phase excitation
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
35
30
25
20
15
10
5
0
200
500
1K
Motor : PH265-01B
Motor current IO=0.8A
Ta=25
°C
VCC=24V, VS=24V
2-phase excitation
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
30
25
20
15
10
5
0
200
500
1K
Motor : PH265-01B
Motor current IO=0.8A
Ta=25
°C
VCC=24V, VS=24V
2-phase excitation
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
Thermal characteristics
SLA7022MU
SLA7029M
SMA7022MU
SMA7029MU
sThermal Design
An outline of the method for calculating heat dissipation is shown below.
(1)Obtain the value of PH that corresponds to the motor coil
current IO from Fig. 7 "Heat dissipation per phase PH vs. Out-
put current IO."
Output current IO (A)
Motor : 23LM-C004
Holding mode
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
0.8
0.6
0.4
0.2
0
VCC
=44V
36V
24V
15V
∆T
j
1
02
3
4
∆T
C
Natural cooling
Without heatsink
150
100
50
0
Total Power (W)
Fig. 7 Heat dissipation per phase PH vs. Output current IO
Fig. 8 Temperature rise
(2) The power dissipation Pdiss is obtained using the following formula.
2-phase excitation: Pdiss
≅ 2PH+0.015×VS (W)
1-2 phase excitation: Pdiss
PH+0.015
×VS (W)
(3) Obtain the temperature rise that corresponds to the calcu-
lated value of Pdiss from Fig. 8 "Temperature rise."
1.2
1
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
Output current IO (A)
36V
24V
15V
VC
C =44V
Motor : 23LM-C202
Holding mode
∆T
j
1
02
3
4
5
∆T
C
Natural cooling
Without heatsink
150
100
50
0
Total Power (W)
SLA7022MU, ASMA7022MU
SLA7000M series
SLA7029M, SMA7029M
SMA7000M series
3
2


Similar Part No. - SLA7029

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7029M SANKEN-SLA7029M Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7029M SANKEN-SLA7029M Datasheet
87Kb / 2P
   2-Phase Excitation
SLA7029M SANKEN-SLA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
More results

Similar Description - SLA7029

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com