Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850133304 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850133304
Description  2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1um (40u") Selective Gold (Au)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850133304 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850133304 Datasheet HTML 1Page - Molex Electronics Ltd. 0850133304 Datasheet HTML 2Page - Molex Electronics Ltd. 0850133304 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850133304
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1µm (40µ")
Selective Gold (Au), 71 Circuits, Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-85013-0002 (PDF)
General
Product Family
Backplane Connectors
Series
85013
Application
Backplane
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
71
Circuits (maximum)
96
Circuits Detail
Rows A, B, & C
Color - Resin
Gray
Durability (mating cycles max)
500
First Mate / Last Break
Yes
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.6
Plating min: Termination (µin)
16
Plating min: Termination (µm)
0.4
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
2.5A
Data Rate
622.0 Mbps
Voltage - Maximum
1000V (RMS)
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85013Series
Mates With
85052 Receptacle


Similar Part No. - 0850133304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850133043 MOLEX9-0850133043 Datasheet
165Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, 3-Row C-Pin, Press-Fit Style R Male, 32 Circuits
0850133081 MOLEX9-0850133081 Datasheet
157Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0關m (39關) Selective Gold (Au), 96 Circuits
0850133093 MOLEX9-0850133093 Datasheet
156Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0關m (39關")Selective Gold (Au), 96 Circuits
0850133122 MOLEX9-0850133122 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850133160 MOLEX9-0850133160 Datasheet
135Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 32 Circuits, Lead free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com