Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA7021M Datasheet(PDF) 2 Page - Sanken electric

Part # SLA7021M
Description  Unipolar Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021M Datasheet(HTML) 2 Page - Sanken electric

  SLA7021M Datasheet HTML 1Page - Sanken electric SLA7021M Datasheet HTML 2Page - Sanken electric SLA7021M Datasheet HTML 3Page - Sanken electric SLA7021M Datasheet HTML 4Page - Sanken electric SLA7021M Datasheet HTML 5Page - Sanken electric SLA7021M Datasheet HTML 6Page - Sanken electric SLA7021M Datasheet HTML 7Page - Sanken electric SLA7021M Datasheet HTML 8Page - Sanken electric SLA7021M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
13
SLA7020M and SLA7021M
s Block diagram
s Internal circuit diagram (enclosed with chain line)
6
RS
r5
C3
+
Reg
Reg
15
8
VCC
14
7
2
3
4
121311
C1
C2
C4
r3
r2
r6
r4
Vb(5V)
r1
RS
9
10
15
+
+
+
+
Db
Da
Vs=10~30V
R·C for setting
chopper OFF
time
VS
r1
r2
r5/r
6
C3/C
4
Vb
Reference voltage
r3/r
4
C1/C
2
R·C for protection
against chopping
malfunctions
REF
Current peak
detector
circuit
Td
Chopper OFF
time control
circuit
GND
Excitation signal
transfer circuit
IN
OUT
OUT
Auxiliary
power supply
Excitation
signal
VCC
Motor main
power supply
RS
RS
Current detection resistor
Current control and
counter EMF
canceller circuit
Motor
Da/D
b


Similar Part No. - SLA7021M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7022 SANKEN-SLA7022 Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
More results

Similar Description - SLA7021M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com