Electronic Components Datasheet Search |
|
0791077255 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0791077255 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 03/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0791077255 Status: Active Description: 2.00mm (.079") Pitch Milli-Grid™ Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length, 0.76µm (30µ") Gold (Au) Selective Plating, 12 Circuits, Leadfree Documents: 3D Model Product Specification PS-79107 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Receptacles Series 79107 Application Board-to-Board Product Name Milli-Grid™ Physical Circuits (Loaded) 12 Color - Resin Black Durability (mating cycles max) 50 Glow-Wire Compliant No Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PC Tail Length (in) 0.075 In PC Tail Length (mm) 1.91 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.031 In PCB Thickness Recommended (mm) 0.80 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 75 Plating min: Termination (µm) 1.875 Polarized to Mating Part No Polarized to PCB No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 1A Voltage - Maximum 125V Material Info Reference - Drawing Numbers Product Specification PS-79107 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 79107Series Mates With 87758 Vertical, Through Hole, Stackable PCB Header, 87759 Vertical, Surface Mount, Stackable PCB Header, 87760 Right Angle, Through Hole, Stackable PCB Header, 87831 Vertical, Through Hole PCB Header, 87832 Vertical, Surface Mount PCB |
Similar Part No. - 0791077255 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |