Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA5023 Datasheet(PDF) 2 Page - Sanken electric

Part # SLA5023
Description  PNP Darlington N-channel MOSFET 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5023 Datasheet(HTML) 2 Page - Sanken electric

  SLA5023 Datasheet HTML 1Page - Sanken electric SLA5023 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
63
Characteristic curves (PNP)
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θj-a-PW Characteristics
Safe Operating Area (SOA)
PT-Ta Characteristics
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–10
µAVCB=–100V
IEBO
–10
mA
VEB=–6V
VCEO
–100
V
IC=–10mA
hFE
2000
5000
12000
VCE=–4V, IC=–3A
VCE(sat)
–1.5
V
VBE(sat)
–2.2
V
VFEC
1.3
V
IFEC=–1A
trr
2.0
µsIF=±100mA
ton
0.6
µsVCC –30V
tstg
1.6
µsIC=–3A
tf
0.5
µsIB1=–IB2=–6mA
fT
90
MHz
VCE=–12V, IE=1A
Cob
100
pF
VCB=–10V, f=1MHz
Specification
min
typ
max
SLA5023
IC=–3A, IB=–6mA
–8
–7
–6
–5
–4
–3
–2
–1
0
0–1
–2
–3
–4
–5
–2mA
–1.2mA
–0.8mA
–0.6mA
–0.4mA
IB=–4mA
VCE (V)
(VCE=–4V)
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5
IC (A)
–8
typ
–0.05
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5 –8
Ta
=125
°C
–30
°C
–0.05
75
°C
25
°C
(VCE=–4V)
IC (A)
–3
–0.3
–0.5
–2
–1
0
–1
–5
–10
125
°C
75
°C
25
°C
Ta=–30
°C
(IC / IB=1000)
IC (A)
–3
–0.2
–0.5
IB (mA)
–2
–1
0
–1
–5 –10
–50 –100
–500
IC=–1A
IC=–3A
IC=–5A
–8
–6
–4
–2
0
0–1
–2
–3
(VCE=–4V)
VBE (V)
–10
–5
–5
–1
–0.5
–0.1
–0.05
–0.03
–100
–50
–10
–3
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
Electrical characteristics (Source: PNP transistor)
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink


Similar Part No. - SLA5023

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5021 SANKEN-SLA5021 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5022 SANKEN-SLA5022 Datasheet
32Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022_06 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5024 SANKEN-SLA5024 Datasheet
20Kb / 1P
   P-channel General purpose
More results

Similar Description - SLA5023

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5022 SANKEN-SLA5022_06 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022 Datasheet
32Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SDA05 SANKEN-SDA05 Datasheet
20Kb / 1P
   PNP Darlington 3-phase motor drive
STA305A SANKEN-STA305A Datasheet
21Kb / 1P
   PNP Darlington 3-phase motor drive
SDA05 SANKEN-SDA05_01 Datasheet
35Kb / 1P
   PNP Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com