Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA5010 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA5010
Description  N-channel P-channel 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5010 Datasheet(HTML) 1 Page - Sanken electric

  SLA5010 Datasheet HTML 1Page - Sanken electric SLA5010 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Characteristic curves
(Ta=25
°C)
Symbol
Unit
VDSS
100
–100
V
VGSS
±20
20
V
ID
±4
3A
ID(pulse)
±8 (PW≤1ms)
6 (PW
≤1ms)
A
EAS*16
mJ
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C, with all circuits operating, with infinite heatsink)
W
θ j–a
25 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j–c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating )
°C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=20V, L=1mH, ID=5A, unclamped, see Fig. E on page 15.
SLA5010
2
4
3
8
6
5
7
9
11
12
10
1
Pch
Nch
PT
Ratings
N channel
P channel
020
8
7
3
0
VDS (V)
10
6
5
4
2
1
VGS=5V
7V
6V
10V
0
0
12
8
0.2
0.4
0.6
0.8
ID (A)
345
67
(VGS=10V)
–40
0
0
50
100
150
0.2
0.8
1.0
1.2
TC (
°C)
0.6
0.4
ID=4A
VGS=10V
0
–5
–20
VDS (V)
–10
–15
–6
–0
–1
–3
–5
–4
–2
–6V
–7V
–10V
VGS=–5V
0
0
–2
1.0
1.5
ID (A)
–3
–4
–6
0.5
–5
–1
(VGS=–10V)
02
4
6
10
VGS (V)
8
8
7
3
0
6
5
4
2
1
(VDS=10V)
25
°C
125
°C
TC=–40
°C
VGS (V)
0
–2
–10
–4
–6
–8
–6
–0
–1
–3
–5
–4
–2
(VDS=–10V)
25
°C
125
°C
TC=–40
°C
–40
0
0
50
100
150
1.5
2.0
TC (
°C)
1.0
0.5
ID=–3A
VGS=–10V
N-channel + P-channel
3-phase motor drive
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA


Similar Part No. - SLA5010

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
57Kb / 5P
   5-Phase Stepper Motor Driver ICs
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5012 SANKEN-SLA5012 Datasheet
21Kb / 1P
   P-channel General purpose
SLA5013 SANKEN-SLA5013 Datasheet
30Kb / 2P
   N-channel P-channel H-bridge
SLA5015 SANKEN-SLA5015 Datasheet
21Kb / 1P
   P-channel General purpose
More results

Similar Description - SLA5010

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5009 SANKEN-SLA5009 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059_06 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
SLA5017 SANKEN-SLA5017 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5060 SANKEN-SLA5060 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127 Datasheet
30Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
Sanken electric
SMA5104 SANKEN-SMA5104 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com