Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA-87218-0606 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SDA-87218-0606
Description  3.96mm (.156") Pitch Wire-to-Board Header, Standard Power Supply, Vertical, Circuit 5 Polarizing Key Removed, with Plastic PCB Locator, 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

SDA-87218-0606 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SDA-87218-0606 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-87218-0606 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-87218-0606 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SDA-87218-0606

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-85001-0001 MOLEX5-SDA-85001-0001 Datasheet
273Kb / 4P
   64 POS, MALE CONNECTOR ACC, DIN 41612 STYLE B DIMENSIONS
SDA-85001-0002 MOLEX1-SDA-85001-0002 Datasheet
127Kb / 2P
   MALE CONNECTOR
SDA-85040-0001 MOLEX5-SDA-85040-0001 Datasheet
83Kb / 2P
   64 POS, FEMALE CONNECTOR DIN 41612 STYLE BCLIP DIMENSIONS
SDA-85040-0002 MOLEX5-SDA-85040-0002 Datasheet
77Kb / 2P
   32POS, FEMALE CONNECTOR DIN 41612 STYLE B/2, WITH CLIP, DIMENSIONS
SDA-85040-0012 MOLEX9-SDA-85040-0012 Datasheet
116Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style B/2, 32 Circuits, Lead free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com