Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA4391 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA4391
Description  PNP NPN Darlington H-bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4391 Datasheet(HTML) 1 Page - Sanken electric

  SLA4391 Datasheet HTML 1Page - Sanken electric SLA4391 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32
Characteristic curves
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
SLA4391
1
3
2
10
11
12
5
4
6
9
7
8
R1: 2.5k
Ω typ R2: 200Ω typ R3: 3kΩ typ R4: 100Ω typ
(Ta=25
°C)
Symbol
Unit
VCBO
100
–100
V
VCEO
100
–100
V
VEBO
6–6
V
IC
5–5
A
ICP
8 (PW
≤1ms, Du≤50%)
–8 (PW
≤1ms, Du≤50%)
A
IB
0.5
–0.5
A
IF
5 (PW
≤0.5ms, Du≤25%)
A
IFSM
8 (PW
≤10ms, single)
A
VR
120
V
5 (Ta=25
°C)
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θ j-c
5
°C/W
PT
W
Specification
NPN
PNP
8
7
6
5
4
3
2
1
0
01
2
3
4
5
IB
=2mA
1mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
VCE (V)
20000
10000
5000
1000
500
100
50
30
0.03
0.1
0.5
1
5
8
typ
(VCE=4V)
IC (A)
20000
10000
5000
1000
500
100
50
30
0.03
0.1
0.5
1
5
8
Ta
=125
°C
–30
°C
75
°C
25
°C
(VCE=4V)
IC (A)
8
6
4
2
0
01
2
3
(VCE=4V)
VBE (V)
–8
VCE (V)
–7
–6
–5
–4
–3
–2
–1
0
0
–1–2
–3–4
–5
IB=–4mA
–2mA
–1.2mA
–0.8mA
–0.6mA
–0.4mA
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5
–8
typ
(VCE=–4V)
IC (A)
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5
–8
Ta
=125
°C
75
°C
25
°C
–30
°C
(VCE=–4V)
IC (A)
–8
–6
–4
–2
0
0–1
–2
–3
(VCE =–4V)
VBE (V)
PNP + NPN Darlington
H-bridge
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA


Similar Part No. - SLA4391

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results

Similar Description - SLA4391

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA474A SANKEN-STA474A Datasheet
37Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SDH03 SANKEN-SDH03 Datasheet
29Kb / 2P
   PNP NPN Darlington H-bridge
SLA4340 SANKEN-SLA4340 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com