Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850139023 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850139023
Description  2.54mm (.100) Pitch DIN 41612 Header, Style R/2, Press-fit, Vertical, 48 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850139023 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850139023 Datasheet HTML 1Page - Molex Electronics Ltd. 0850139023 Datasheet HTML 2Page - Molex Electronics Ltd. 0850139023 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850139023
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Style R/2, Press-fit, Vertical, 48 Circuits
Documents:
3D Model
Product Specification PS-85013-0002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
85013
Application
Backplane
Comments
"R" at Style Represents Vertical Male DIN Connectors
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R/2
Physical
Circuits (Loaded)
48
Circuits (maximum)
48
Circuits Detail
Rows A, B, & C
Color - Resin
Gray
Durability (mating cycles max)
400
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Columns
16
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In, 0.157 In
PCB Thickness Recommended (mm)
1.60 mm, 4.00 mm
Packaging Type
Carton
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.6
Plating min: Termination (µin)
16
Plating min: Termination (µm)
0.4
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85013Series
Mates With
85042 DIN 41612 Receptacle . 85052 DIN
41612 Header


Similar Part No. - 0850139023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850139028 MOLEX9-0850139028 Datasheet
86Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, 3-Row C-Pin, Style R Male
More results

Similar Description - 0850139023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850130385 MOLEX9-0850130385 Datasheet
322Kb / 6P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R/2 Reverse
0850520830 MOLEX9-0850520830 Datasheet
195Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits
0850520593 MOLEX9-0850520593 Datasheet
194Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits
0850520165 MOLEX9-0850520165 Datasheet
194Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits
0850159005 MOLEX9-0850159005 Datasheet
195Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, 4-Row Through Hole, Press-fit, Vertical, Style R
0850132464 MOLEX9-0850132464 Datasheet
81Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, C-Pin Press-Fit Style R Reverse, 96 Circuits
0850133043 MOLEX9-0850133043 Datasheet
165Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, 3-Row C-Pin, Press-Fit Style R Male, 32 Circuits
0850132828 MOLEX9-0850132828 Datasheet
227Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, 3-Row C-Pin, Press-Fit Style R Male
0850132000 MOLEX9-0850132000 Datasheet
125Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Style R/2 Reverse, 32 Circuits
0850133201 MOLEX9-0850133201 Datasheet
155Kb / 6P
   2.54mm (.100") Pitch DIN 41612 Header, Style R/2 Reverse, 32 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com