Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA3004M Datasheet(PDF) 1 Page - Sanken electric

Part # SLA3004M
Description  3-Output Dropper/Switching Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA3004M Datasheet(HTML) 1 Page - Sanken electric

  SLA3004M Datasheet HTML 1Page - Sanken electric SLA3004M Datasheet HTML 2Page - Sanken electric SLA3004M Datasheet HTML 3Page - Sanken electric SLA3004M Datasheet HTML 4Page - Sanken electric SLA3004M Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
114
sFeatures
• 3 regulator ICs combined in 1 package
• Insulated single inline package
• Can be used with dropper type and switching type
• 3 independent circuits for input and output respectively. Internal dissipation can
be reduced since different input voltages can be applied.
• Dropper type regulator IC is low-dropout voltage type with input/output voltage
difference of 1V. Output ON/OFF control, variable output voltage (rise only) func-
tion
• Switching type: built-in separate excitation (60kHz), high efficiency of 80% or
over
• Each regulator has overcurrent protection and thermal protection circuit.
sApplications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment
sLineup
3-Output Dropper/Switching Type
SLA3001M/3002M/3004M
qSLA3001M/3002M/3004M
Symbol
VIN
VC
VSW
PD
Tj
Tstg
Top
Rth(j-c)
sAbsolute Maximum Ratings
Parameter
DC Input Voltage
Voltage of Output Control Terminal
SW Terminal Applied Reverse Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Ambient Operating Temperature
Thermal Resistance(junction-to-case)
Part Number
Regulator 1
Regulator 2
Regulator 3
SLA3001M
SLA3002M
SLA3004M
Type
VO(V)
IO(A)
Type
VO (V)
IO(A)
Type
VO (V)
IO (A)
Dropper
12
1.5
Switching
5
0.5
Switching
5
0.5
Dropper
5
1.5
Dropper
15.7
1.0
Switching
9
0.4
Dropper
9
1.5
Switching
9
0.4
Switching
9
0.4
Ratings
SLA3001M
SLA3002M
SLA3004M
Reg1
Reg2
Reg3
Reg1
Reg2
Reg3
Reg1
Reg2
Reg3
35
35
35
VIN
VIN
–1
–1
–1
40(TC=25
°C)
37.5(TC=25
°C)
37.5(TC=25
°C)
+125
+150
+150
–40 to +125
–40 to +150
–40 to +150
–30 to +85
–30 to +85
–30 to +85
710
10
Unit
V
V
V
W
°C
°C
°C
°C/W


Similar Part No. - SLA3004M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA3001M ALLEGRO-SLA3001M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SLA3002M ALLEGRO-SLA3002M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SLA3005M SANKEN-SLA3005M Datasheet
167Kb / 7P
   4-Output, Low Dropout Voltage Dropper Type for USB Hub
SLA3006M SANKEN-SLA3006M Datasheet
167Kb / 7P
   4-Output, Low Dropout Voltage Dropper Type for USB Hub
SLA3007M SANKEN-SLA3007M Datasheet
167Kb / 7P
   4-Output, Low Dropout Voltage Dropper Type for USB Hub
More results

Similar Description - SLA3004M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000P SANKEN-SI-3000P Datasheet
45Kb / 4P
   3-Terminal, Dropper Type
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
   3-terminal Dropper Type Regulator
SI-3102S SANKEN-SI-3102S Datasheet
32Kb / 2P
   Dropper Type Dual Output Regulator
SI-3101S SANKEN-SI-3101S Datasheet
34Kb / 2P
   Dropper Type Dual Output Regulator
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
SI-3001S SANKEN-SI-3001S Datasheet
36Kb / 2P
   Dropper Type Regulator with Output On/Off Control
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SLA3005M SANKEN-SLA3005M Datasheet
167Kb / 7P
   4-Output, Low Dropout Voltage Dropper Type for USB Hub
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com