Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8502L Datasheet(PDF) 4 Page - Sanken electric

Part # SI-8502L
Description  Separate Excitation Switching Type with Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8502L Datasheet(HTML) 4 Page - Sanken electric

  SI-8502L Datasheet HTML 1Page - Sanken electric SI-8502L Datasheet HTML 2Page - Sanken electric SI-8502L Datasheet HTML 3Page - Sanken electric SI-8502L Datasheet HTML 4Page - Sanken electric SI-8502L Datasheet HTML 5Page - Sanken electric SI-8502L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
99
sTa-PD Characteristics
sSI-8500L application circuit
Terminal no.2 is for soft start. Connecting a capacitor to the terminal
enables the soft start function. See page 85 for the formulas to calcu-
late delay time and rise time. Output can be turned on and off by
using the soft start terminal. To stop output, set the soft start terminal
voltage to VSSL (0.2V typ.) or less. To switch the potential of the soft
start terminal, drive the open collector of the transistor. Since the
discharge current from C3 flows to the ON/OFF control transistor, limit
the current for protection. The SS terminal is pulled up to the power
supply in the IC and no external voltage can be applied.
sCaution
1. Allocation of Components
For the best operating environment, the ground should be a single ground line at the GND terminal (terminal 2 on the SI-8400L, terminal 3 on
the SI-8500L), and the wiring from C1 and C2 to ground should be as short as possible.
2. Capacitors C1 and C2
1) They must satisfy the breakdown voltage and allowable ripple current.
Exceeding the ratings of these capacitors or using them without derating shortens their service lives and may also cause abnormal
oscillation of the IC.
2) C2 must be a low-impedance type capacitor to ensure minimum ripple voltage and stable switching operation.
3) C3 (SI-8500L only) is a capacitor for soft start. When not using soft start, leave terminal 2 open. It is pulled up inside the IC.
3. Terminals LIN and NC in the connection diagram must be left unconnected to other circuits.
4. The IC's metalic heatsink is electrically floating. Do not connect it to GND or any other circuit.
5. Since the SI-8400L and 8500L series have an open-package construction, they can only be operated in specific environments. Verify the
operating environment and use the conditions indicated in the reliability data.
1.5
1.0
0.5
0
025
50
Ambient Temperature Ta (
°C)
75
100
SI-8400L
3.0
2.0
1.0
0
0
25
50
75
100
SI-8500L
Ambient Temperature Ta (
°C)
SI-8500L
SI-8500L
S.S.
2
S.S.
2
S.S.
C3
C3
2
VO. ON/OFF
Soft start
Soft start +VO ON/OFF
SI-8500L
qSI-8400L/8500L Series
VO :Output voltage
IO :Output current
ηχ :Efficiency (%)
The efficiency depends on the input
voltage and the output current.Thus,
obtain the value from the efficiency
graph and substitute the percentage
in the formula above.
PD=VO•IO
100
–1
ηχ


Similar Part No. - SI-8502L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
More results

Similar Description - SI-8502L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8401L SANKEN-SI-8401L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com