Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8204L Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8204L
Description  Switching Type(Self Oscillation Type with Coil)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8204L Datasheet(HTML) 2 Page - Sanken electric

  SI-8204L Datasheet HTML 1Page - Sanken electric SI-8204L Datasheet HTML 2Page - Sanken electric SI-8204L Datasheet HTML 3Page - Sanken electric SI-8204L Datasheet HTML 4Page - Sanken electric SI-8204L Datasheet HTML 5Page - Sanken electric SI-8204L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
28
Parameter
Symbol
Unit
Parameter
Symbol
Unit
SI-8200L/8300L Series
Output Voltage
V
Efficiency
%
Line Regulation
mV
Load Regulation
mV
∆VO/∆T
±1.5
±1.5
±1.5
±1.5
±0.5 ±1.5 mV/°C
mVp-p
s Electrical Characteristics (Ta=25
°C)
Output Voltage
V
Efficiency
%
Line Regulation
mV
Load Regulation
mV
∆VO/∆T
±1.5
±1.5
±1.5
±1.5 mV/°C
mVp-p
Ratings
SI-8200L Series
SI-8201L
SI-8202L
SI-8203L
SI-8204L
SI-8221L
min
typ max min
typ max min
typ max min
typ max min
typ max
VO
4.9
5.0
5.1
5.9
6.0
6.1
11.8 12.0 12.2
5.1
5.2
5.3
4.85 5.00 5.15
Condition VIN=15V, IO=0.2A
VIN=20V, IO=0.2A
VIN=25V, IO=0.2A
VIN=15V, IO=0.2A
VIN=15V, IO=0.2A
η
73
74
79
73
76
80
Condition VIN=15V, IO=0.2A
VIN=20V, IO=0.2A
VIN=25V, IO=0.2A
VIN=15V, IO=0.2A
VIN=15V, IO=0.2A
Switching Frequency
f
25
25
25
25
25
kHz
∆VOLINE
15
60
15
60
15
60
15
60
5
15
Condition VIN=10 to 20V, IO=0.2A VIN=11 to 29V, IO=0.2A VIN=16 to 34V, IO=0.2A VIN=10 to 20V, IO=0.2A VIN=10 to 20V, IO=0.2A
∆VOLOAD
15
60
15
60
60
100
15
60
15
60
Condition VIN=15V, IO=0.02 to 0.25A VIN=20V, IO=0.02 to 0.3A VIN=25V, IO=0.02 to 0.35A VIN=15V, IO=0.02 to 0.25A VIN=15V, IO=0.02 to 0.25A
Temperature Coefficient
of Output Voltage
Switching Ripple Voltage
∆Vr
30
60
30
60
100
30
30
60
(C2=470
µF)
Condition VIN=25V, IO=0.3A
VIN=25V, IO=0.3A
VIN=40V, IO=0.35A
VIN=25V, IO=0.3A
VIN=25V, IO=0.3A
Ratings
SI-8200L Series (high-VIN type)
SI-8300L Series
SI-8211L
SI-8213L
SI-8301L
SI-8303L
min
typ
max
min
typ
max
min
typ
max
min
typ
max
VO
4.9
5.0
5.1
11.8
12.0
12.2
5.0
5.1
5.2
5.3
5.4
5.5
Condition
VIN=35V, IO=0.2A
VIN=38V, IO=0.2A
VIN=15V, IO=0.5A
VIN=15V, IO=0.5A
η
63
78
73
73
Condition
VIN=35V, IO=0.2A
VIN=38V, IO=0.2A
VIN=15V, IO=0.5A
VIN=15V, IO=0.5A
Switching Frequency
f
25
25
25
25
kHz
∆VOLINE
60
60
50
50
Condition VIN=20 to 50V, IO=0.2A
VIN=22 to 50V, IO=0.2A
VIN=10 to 20V, IO=0.5A
VIN=10 to 20V, IO=0.5A
∆VOLOAD
60
60
80
80
Condition VIN=35V, IO=0.02 to 0.3A VIN=38V, IO=0.02 to 0.28A VIN=15V, IO=0.3 to 0.7A
VIN=15V, IO=0.3 to 0.7A
Temperature Coefficient
of Output Voltage
Switching Ripple Voltage
∆Vr
30
60
50
100
45
45
(C2=470
µF)
Condition
VIN=48V, IO=0.3A
VIN=48V, IO=0.28A
VIN=15V, IO=0.5A
VIN=15V, IO=0.5A


Similar Part No. - SI-8204L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8200L SANKEN-SI-8200L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
SI-8201L SANKEN-SI-8201L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
SI-8203L SANKEN-SI-8203L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8205NHD SANKEN-SI-8205NHD Datasheet
64Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
More results

Similar Description - SI-8204L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
   Switching Type(Chopper Self Oscillation Type)
STR2000 SANKEN-STR2000 Datasheet
40Kb / 3P
   Switching Type(Chopper * Self Oscillation Type)
SI-8200L SANKEN-SI-8200L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
   Self-excitation Type Semi-Regulated Switching Regulator
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
   Self-excitation Type Feedback Control Switching Regulator
logo
Panasonic Semiconductor
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
   Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
logo
Sanyo Semicon Device
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
   Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com