Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8400L Datasheet(PDF) 3 Page - Sanken electric

Part # SI-8400L
Description  Separate Excitation Switching Type with Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8400L Datasheet(HTML) 3 Page - Sanken electric

  SI-8400L Datasheet HTML 1Page - Sanken electric SI-8400L Datasheet HTML 2Page - Sanken electric SI-8400L Datasheet HTML 3Page - Sanken electric SI-8400L Datasheet HTML 4Page - Sanken electric SI-8400L Datasheet HTML 5Page - Sanken electric SI-8400L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
98
sOutline Drawing
a. Part Number
b. Lot Number
Open Air Type
Weight: Approx. 5.1g
SI-8400L
SI-8500L
a. Part Number
b. Lot Number
Open Air Type
Weight: Approx. 14.5g
SI-8400L
SI-8500L
sBlock Diagram
sStandard External Circuit
q
e
w
r
VIN
Vo
0.8max.
LIN
GND
(10.16)
(7.62)
(2.19)
(2.17)
14.5
±0.5
φ
a
b
Terminal 1 marking
y
qwe
r
SK
VIN
VOUT SS GND
LIN
26
±0.1
0.6
418
2
φ
a
b
Terminal 1 marking
Reg.
OCP
OSC
Reset
Amp.
TSD
VREF
Comp.
Latch
&
Drive
2
VIN
VO
LIN
L1
Di1
MIC1
GND
41
3
VO
VIN
GND
GND
C1
C2
220
µF
470
µF
++
1
4
3
N.C
2
VOUT
LIN
GND
SI-8400L
VIN
VO
VIN
GND
GND
C1
C2
C3
470
µF
470
µF
++
1
6
34
N.C
2
VOUT
LIN
GND
S.S
SI-8500L
VIN
Pin compatible with SI-8200L
C3 is necessary only for using soft start function.
Pin compatible with SI-8300L
3
2
Di1
MIC1
GND
S.S.
61
4
L1
Reg.
OCP
OSC
Reset
Amp.
TSD
VREF
Comp.
Latch
&
Drive
VIN
VO
LIN
qSI-8400L/8500L Series
(unit:mm)


Similar Part No. - SI-8400L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8401L SANKEN-SI-8401L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
logo
Allegro MicroSystems
SI-8405NH ALLEGRO-SI-8405NH Datasheet
429Kb / 2P
   Surface-Mount, Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
logo
Sanken electric
SI-8405NH SANKEN-SI-8405NH Datasheet
429Kb / 2P
   Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
SI-8405NL SANKEN-SI-8405NL Datasheet
433Kb / 2P
   Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
More results

Similar Description - SI-8400L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8401L SANKEN-SI-8401L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com