Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0757335001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0757335001
Description  Small Form-factor Pluggable (SFP) Stacked 2-by-5 Multi-Port Connector with Press-fit PC Tails, 200 Circuits, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0757335001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0757335001 Datasheet HTML 1Page - Molex Electronics Ltd. 0757335001 Datasheet HTML 2Page - Molex Electronics Ltd. 0757335001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757335001
Status:
Active
Overview:
sfp_stacked_connectors
Description:
Small Form-factor Pluggable (SFP) Stacked 2-by-5 Multi-Port Connector with Press-fit
PC Tails, 200 Circuits, Lead Free
Documents:
3D Model
Product Specification PS-75310-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
General
Product Family
I/O Connectors
Series
75733
Application
Module-to-Board
Component Type
Receptacle
Overview
sfp_stacked_connectors
Product Name
SFP
Type
N/A
Physical
Circuits (Loaded)
200
Circuits (maximum)
200
Color - Resin
Black
Durability (mating cycles max)
200
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle
PC Tail Length (in)
0.120 In
PC Tail Length (mm)
3.05 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30.4
Plating min: Termination (µm)
0.76
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Shield Type
EMI Fingers
Shielded
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75733Series
Use With
0759510999 SFP Dust Plug,
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
SFP Stacked Multi-
Port Insertion Tool, 2
by 5
0622029980
SFP Stacked Multi-
Port Extraction Tool,
2 by 5
0622029990


Similar Part No. - 0757335001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757330001 MOLEX9-0757330001 Datasheet
564Kb / 6P
   Small Form-factor Pluggable (SFP) Stacked 2-by-5 Multi-Port Connector with Press-fit PC Tails, 200 Circuits
More results

Similar Description - 0757335001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757330001 MOLEX9-0757330001 Datasheet
564Kb / 6P
   Small Form-factor Pluggable (SFP) Stacked 2-by-5 Multi-Port Connector with Press-fit PC Tails, 200 Circuits
0754545001 MOLEX9-0754545001 Datasheet
350Kb / 5P
   Small Form-factor Pluggable (SFP) Stacked 2-by-4 Multi-Port Connector with Press-fit PC Tails, 160 Circuits, Lead Free
0754775001 MOLEX9-0754775001 Datasheet
299Kb / 6P
   Small Form-factor Pluggable (SFP) Stacked 2-by-6 Multi-Port Connector with Press-fit PC Tails
0757590001 MOLEX9-0757590001 Datasheet
367Kb / 5P
   Small Form-factor Pluggable (SFP) Stacked 2-by-2 Multi-Port Connector with Press-fit PC Tails, 80 Circuits
0754540001 MOLEX9-0754540001 Datasheet
668Kb / 5P
   Small Form-factor Pluggable (SFP) Stacked 2-by-4 Multi-Port Connector with Press-fit PC Tails
0754770001 MOLEX9-0754770001 Datasheet
1Mb / 10P
   Small Form-factor Pluggable (SFP) Stacked 2-by-6 Multi-Port Connector with Press-fit PC Tails, 240 Circuits
0754620001 MOLEX9-0754620001 Datasheet
346Kb / 5P
   Small Form-factor Pluggable (SFP) Stacked 2-by-1 Multi-Port Connector with Press-fit PC Tails, 40 Circuits
0757595001 MOLEX9-0757595001 Datasheet
371Kb / 5P
   Small Form-factor Pluggable (SFP) Stacked 2-by-2 Multi-Port Connector with Press-fitPC Tails, 80 Circuits, Lead Free
0754625001 MOLEX9-0754625001 Datasheet
268Kb / 3P
   Small Form-factor Pluggable (SFP) Stacked 2-by-1 Multi-Port Connector with Press-fitPC Tails, 40 Circuits, Lead Free
0760655001 MOLEX1-0760655001_17 Datasheet
36Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Press Fit Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com