Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI-3157B Datasheet(PDF) 1 Page - Sanken electric

Part No. SI-3157B
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SI-3157B Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
28
Ratings
35
VIN
0.27*1
14(With infinite heatsink)
1.5(Without heatsink, stand-alone operation)
–40 to +125
–30 to +100
–40 to +125
7.0
66.7(Without heatsink, stand-alone operation)
Paarameter
DC Input Voltage
Voltage of Output Control Terminal
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction to case)
Thermal Resistance (junction to ambient air)
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Symbol
VIN
VC
IO
PD1
PD2
Tj
Top
Tstg
Rth(j-c)
Rth(j-a)
SI-3000B Series
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
qSI-3000B Series
sFeatures
• Compact full-mold package (equivalent to TO220)
• Output current: 0.27A
• Low dropout voltage: VDIF
≤0.5V (at IO=0.27A)
• Output ON/OFF control terminal is compatible with LS-TTL. (It may be directly
driven by LS-TTL or standard CMOS logic.)
• Built-in foldback overcurrent, thermal protection circuits
• Highly accurate overcurent protection starting current
SI-3157B : 0.3 to 0.7A (VIN=18V)
SI-3025B : 0.3 to 0.7A (When VIN=18V, setting VO=15.7V)
0.3 to 0.75A (When VIN=18V, setting VO=11.7V)
• Variable output voltage type (SI-3025B) also available
sApplications
• For BS and CS antenna power supplies
• Electronic equipment
sAbsolute Maximum Ratings
(Ta=25
°C)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn