Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI-3050F Datasheet(PDF) 4 Page - Sanken electric

Part No. SI-3050F
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SI-3050F Datasheet(HTML) 4 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
36
C0
: Output capacitor (47 to 100
µF)
*1 C1
: Oscillation prevention capacitor
C2
(C1: Approx. 47
µF, C2: 0.33µF)
These capacitors are required if the input line is inductive
and in the case of long wiring. Tantalum capacitors are rec-
ommended for C1 and C0, particularly at low temperatures.
*2 D1
: Protection diode
This diode is required for protection against reverse bias-
ing of the input and output. Sanken EU2Z is recommended.
*3 R1
: External resistor for setting output voltage
R2
Relationship between output voltage VO and external re-
sistors R1 and R2 is as follows.
VO=VREF• 1+
R1
(VREF=2.55V(typ.))
R2
R2 must be 2.55k
Ω for stable operation.
sBlock Diagram
SI-3000F
SI-3025F
sTa-PD Characteristics
sStandard External Circuit
SI-3025F
SI-3000F
PD=IO•[VIN(mean)–VO]
1
2
5
3
4
MIC
Tr1
Equivalent
to LS-TTL
1
2
5
3
4
MIC
Tr1
Equivalent
to LS-TTL
D1
C0
C2
C1
DC Input
VIN
DC Output
VO
5
SI-3000F
OPEN
2
3
4
1
*1
*2
++
D1
C0
R1
R2
C2
C1
DC Input
VIN
DC Output
VO
5
OPEN
2
3
4
1
SI-3025F
*1
*3
*3
*2
++
qSI-3000F Series
15
10
5
0
–30
025
50
Ambient Temperature Ta (
°C)
75
100
200
×
200
×
2mm
(2.3
°C/W)
100
×100
×2mm
(5.2
°C/W)
75×
75×
2mm
(7.6
°C/W)
Infinite heatsink
Without heatsink
With Silicon Grease
Heatsink: Aluminum


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn