Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0791077022 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0791077022
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 46 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0791077022 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0791077022 Datasheet HTML 1Page - Molex Electronics Ltd. 0791077022 Datasheet HTML 2Page - Molex Electronics Ltd. 0791077022 Datasheet HTML 3Page - Molex Electronics Ltd. 0791077022 Datasheet HTML 4Page - Molex Electronics Ltd. 0791077022 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 0791077022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077020 MOLEX9-0791077020 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row,3.00mm (.118) Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 42 Circuits,Leadfree
0791077020 MOLEX1-0791077020_17 Datasheet
43Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 3.00mm Tail
0791077021 MOLEX9-0791077021 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
0791077021 MOLEX1-0791077021_17 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 3.00mm Tail
0791077023 MOLEX9-0791077023 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length
More results

Similar Description - 0791077022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077004 MOLEX9-0791077004 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
0791077002 MOLEX9-0791077002 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
0791077021 MOLEX9-0791077021 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
0791077005 MOLEX9-0791077005 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
0791077014 MOLEX9-0791077014 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 30 Circuits
0791077003 MOLEX9-0791077003 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 8 Circuits
0791077015 MOLEX9-0791077015 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 32 Circuits
0791077008 MOLEX9-0791077008 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 18 Circuits
0791077013 MOLEX9-0791077013 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 28 Circuits
0791077011 MOLEX9-0791077011 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row,3.00mm (.118) Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 24 Circuits,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com