Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850520000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850520000
Description  2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 64 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850520000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850520000 Datasheet HTML 1Page - Molex Electronics Ltd. 0850520000 Datasheet HTML 2Page - Molex Electronics Ltd. 0850520000 Datasheet HTML 3Page - Molex Electronics Ltd. 0850520000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850520000
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 64 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85052
Application
Backplane
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
64
Circuits (maximum)
96
Durability (mating cycles max)
400
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.80 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In, 0.126 In
PCB Thickness Recommended (mm)
1.60 mm, 3.20 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
30
Voltage - Maximum
250V AC (RMS)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85052Series
Mates With
DIN 41612 Headers 85003 , 85013


Similar Part No. - 0850520000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850520024 MOLEX9-0850520024 Datasheet
136Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 64 Circuits
0850520036 MOLEX9-0850520036 Datasheet
138Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520050 MOLEX9-0850520050 Datasheet
138Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520074 MOLEX9-0850520074 Datasheet
138Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
More results

Similar Description - 0850520000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850520139 MOLEX9-0850520139 Datasheet
136Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 64 Circuits
0850520024 MOLEX9-0850520024 Datasheet
136Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 64 Circuits
0850520189 MOLEX9-0850520189 Datasheet
136Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 64 Circuits
0850520103 MOLEX9-0850520103 Datasheet
136Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 64 Circuits
0850520206 MOLEX9-0850520206 Datasheet
136Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
0850520696 MOLEX9-0850520696 Datasheet
136Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
0850520074 MOLEX9-0850520074 Datasheet
138Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520036 MOLEX9-0850520036 Datasheet
138Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520397 MOLEX9-0850520397 Datasheet
138Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520658 MOLEX9-0850520658 Datasheet
136Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com