Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0749598907 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0749598907
Description  2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0749598907 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0749598907 Datasheet HTML 1Page - Molex Electronics Ltd. 0749598907 Datasheet HTML 2Page - Molex Electronics Ltd. 0749598907 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0749598907
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 5-Row VHDM-HSD™ Backplane Header, Polarizing Pin Module,
Code Key G, 40 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74959
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Position G, PCB Thickness 4.00mm (.157") to 9.00mm
(.354")
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
N/A
Circuits (maximum)
0
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Stainless Steel
Number of Columns
8
Number of Pairs
Open Pin Field
Number of Rows
0
Orientation
Vertical
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Polarized to PCB
N/A
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
N/A
Electrical
Current - Maximum per Contact
N/A
Data Rate
5.0 Gbps
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74959-002
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74959Series


Similar Part No. - 0749598907

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749598906 MOLEX9-0749598906 Datasheet
276Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Polarizing Pin Module, Code Key F
0749598908 MOLEX9-0749598908 Datasheet
276Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key H, 40 Circuits
More results

Similar Description - 0749598907

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749525907 MOLEX9-0749525907 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
0749525007 MOLEX9-0749525007 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
0750885007 MOLEX9-0750885007 Datasheet
114Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
0749525001 MOLEX9-0749525001 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key A, 40 Circuits
0750885002 MOLEX9-0750885002 Datasheet
114Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module Code Key B, 40 Circuits
0749525003 MOLEX9-0749525003 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Polarizing Pin Module, Code Key C, 40 Circuits
0750885005 MOLEX9-0750885005 Datasheet
114Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key E, 40 Circuits
0749525002 MOLEX9-0749525002 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Polarizing Pin Module, Code Key B, 40 Circuits
0749525904 MOLEX9-0749525904 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key D, 40 Circuits
0749525905 MOLEX9-0749525905 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key E, 40 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com