Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3052V Datasheet(PDF) 4 Page - Sanken electric

Part # SI-3052V
Description  3-Terminal, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3052V Datasheet(HTML) 4 Page - Sanken electric

  SI-3052V Datasheet HTML 1Page - Sanken electric SI-3052V Datasheet HTML 2Page - Sanken electric SI-3052V Datasheet HTML 3Page - Sanken electric SI-3052V Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
65
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3052V)
Circuit Current(SI-3052V)
Rise Characteristics(SI-3052V)
Rise Characteristics(SI-3122V)
Rise Characteristics(SI-3152V)
Overcurrent Protection Characteristics(SI-3052V)
Overcurrent Protection Characteristics(SI-3122V)
Overcurrent Protection Characteristics(SI-3152V)
–60 –40 –20
0
20
40
60
80 100 120 140
5.06
5.04
5.02
5.00
4.98
4.96
4.94
Ambient Temperature Ta (
°C)
VIN=8V
lO=1V
0
510
15
17.5
70
60
50
40
30
20
10
0
Input Voltage VIN (V)
VO=5V
lo=2.0A
1.5A
0A
0.5A
1.0A
01
2
3
4
5
7
6
6
5
4
3
2
1
0
Input Voltage VIN (V)
0
246
8
10
16
12
14
16
14
12
10
8
6
4
2
0
Input Voltage VIN (V)
R
L=6
to
024
6
8
10
18
16
12
14
18
16
14
12
10
8
6
4
2
0
Input Voltage VIN (V)
R
L=7.5
to
0
1
23
45
6
7
6
5
4
3
2
1
0
Output Current lo (A)
10V
8V
15V
01
2
3
4
5
6
7
16
14
12
10
8
6
4
2
0
Output Current lo (A)
012
3
4
5
6
7
18
16
14
12
10
8
6
4
2
0
Output Current lO (A)
(Ta=25
°C)
qSI-3000V Series
0
0.5
1.0
1.5
2.0
0.8
0.6
0.4
0.2
0
Output Current lO (A)


Similar Part No. - SI-3052V

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3052V ALLEGRO-SI-3052V Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
More results

Similar Description - SI-3052V

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
SI-3000P SANKEN-SI-3000P Datasheet
45Kb / 4P
   3-Terminal, Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
   3-terminal Dropper Type Regulator
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com